Part Number Hot Search : 
GP1006 XMXXX T2N2222 HS1001 SEA05 MAX1436 74153 BD910
Product Description
Full Text Search
 

To Download ADC-305 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.murata-ps.com
ADC-305
8-Bit, 20MHz CMOS A/D Converters
PRODUCT OVERVIEW
OBSOLETE PRODUCT
pling, for subranging (two-pass) Model Contact Factory CMOS,ReplacementA/D converter. DATEL's ADC-305 is an 8-bit, 20MHz samIt processes signals at speeds comparable to a full flash converter by using a sub-ranging conversion technique with multiple comparator blocks, each containing a sample and hold amplifier. The ADC-305 features CMOS low power disPin 1 2 3 4 5 6 7 8 9 10 11 12
sipation (60mW typical) and a wide 18MHz (-1dB) input signal bandwidth. The ADC-305-1 is packaged in 400 mil 24-pin DIP and the ADC-305-3 in 300 mil 24-pin SOP. Other features are CMOS compatible input logic, 3-state TTL compatible output logic, +5V single power operation, self bias mode and low cost.
FUNCTION DGND REF. BOTTOM (VRB) SELF BIAS 1 (VRBS) AGND AGND ANALOG INPUT (VIN) +AVS (+5V) REFERENCE TOP (VRT) SELF BIAS 2 (VRTS) +AVS (+5V) +AVS (+5V) +DVS (+5V)
FEATURES

INPUT/OUTPUT CONNECTIONS FUNCTION Pin OUTPUT ENABLE (OE) 24 DGND BIT 8 (LSB) BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 (MSB) +DVS (+5V) CLOCK INPUT (A/D CLK) 23 22 21 20 19 18 17 16 15 14 13
8-bit resolution, 20MHz min. sampling rate 1/2LSB max. differential nonlinearity error 18MHz input signal bandwidth Subranging, S&H enclosed +5V single power, low 85mW max. dissipation CMOS compatible logic input 3-State TTL compatible output
Both the ADC-305-1 and the ADC-305-3 have the same pin assignment.
OUTPUT ENABLE 1 DGND 2 BIT 8 (LSB) 3 BIT 7 4 BIT 6 5 BIT 5 6 BIT 4 7 BIT 3 8 BIT 2 9 BIT 1 (MSB) 10 +DVS 11 A/D CLK 12 CLOCK GENERATOR UPPER DATA LATCHES LOWER ENCODER (4 BIT) A BLOCK COMPARATORS WITH S/H (4 BIT) LOWER DATA LATCHES LOWER ENCODER (4 BIT) B BLOCK COMPARATORS WITH S/H (4 BIT) REFERENCE VOLTAGE
24 DGND 23 VRB 22 VRBS
21 AGND 20 AGND 19 VIN 18 +AVS 17 VRT
UPPER ENCODER (4 BIT)
UPPER COMPARATORS WITH S/H (4 BIT)
16 VRTS 15 +AVS 14 +AVS 13 +DVS
Figure 1. Functional Block Diagram
For full details go to www.murata-ps.com/rohs
www.murata-ps.com
Technical enquiries email: data.acquisition@murata-ps.com, tel: +1 508 339 3000
MDA_ADC-305.B01 Page 1 of 6
ADC-305
8-Bit, 20MHz CMOS A/D Converters
PARAMETERS Power Supply Voltage (+AVS, +DVS) Analog Input Voltage (VIN) Reference Input Voltage (VRT, VRB) Digital Input Voltage (VIH, VIL) Digital Output Voltage (VOH, VOL) MIN
-0.5 -0.5 -0.5 -0.5 -0.5
MAX +7 +AVS +0.5 +AVS +0.5 +DVS +0.5 +DVS +0.5
UNITS Volts Volts Volts Volts Volts
POWER REQUIREMENTS Power Supply (+AVS, +DVS) I A GND - D GND I Power Supply Current Power Dissipation
Min. +4.75 -- -- --
Typ. +5.0 -- 12 60
Max. +5.25 100 17 85
Units Volts mV mA mW
Functional Specifications
(Specification are typical at TA = +25C, +VRT = +2.5V, VRB = +0.5V, +AVS = +DVS = +5v, fS = 20MHz sampling unless otherwise specified.) Analog Inputs Input Voltage Range (VIN) Input Capacitance (VIN = 1.5Vdc+0.07VRMS) Input Impedance Input Signal Bandwidth (VIN-2Vp-p, -1dB) Ref. Resitance Ref. Current Ref. Voltage VRT to VRB Min. -- -- -- -- Typ. Max. +0.5 to +2.5 -- 11 -- 12.5 18 -- -- Units Volts pF k MHz
Physical/Environmental Operating Temp. Range -40 to +85C Storage Temp. Range -55 to +150C Package Type ADC-305-1 24-pin Plastic DIP ADC-305-3 24-pin Plastic SOP Weight ADC-305-1 2.0 grams ADC-305-3 0.3 grams
Technical Notes
1. The ADC-305 has separate +AVS and +DVS pins. It is recommended that both +AVS and +DVS be powered from a single supply since a time lag between start up of separate supplies could induce latch up. Other external logic circuits must be powered from a separate digital supply. +DVS (pins 11 and 13) and +AVs (pins 14, 15 and 18) should be tied together externally. DGND (pins 2 and 24) and AGND (pins 20 and 21) should also be tied together externally. Power supply grounds must be connected at one point to the ground plane directly beneath the device. Digital returns should not flow through analog grounds. Bypass all power lines to ground with a 0.1F ceramic chip capacitor in parallel with a 47F electrolytic capacitor. Locate the bypass capacitor as close to the unit as possible. Even though the analog input capacitance is a low 15pF, it is recommended that high frequency input be provided via a high speed buffer amplifier. A parasitic oscillation may be generated when a high speed amplifier is used. A 75 ohm resister inserted between the output of an amplifier and the analog input of the ADC-305 will improve the situation. A resistor larger than 100 ohms may degrade linearity. The input voltage range is determined by voltages applied to VRB (Reference Bottom) and VRT (Reference Top). Keep to the following equations: 0VVRBVRT2.8V 1.8VVRT-VRB2.8V The analog input range is normally 2Vp-p. Self Bias Mode a. b. Tie VRB to VRBS, and tie VRT to VRTS respectively. The analog input range in this case is +0.64V to +2.73V nominal. Tie VRB to AGND, and tie VRT to VRTS respectively. The analog input voltage range is 0 to +2.39V in this case. These values may differ from one device to another. Voltage changes on the +5V supply have a direct influence on the performance of the device. The use of external references is recommended for applications sensitive to gain error.
REFERENCE INPUTS 230 4.5 VRT +1.8 VRB 0 Offset Voltage VRT -10 VRB 0 Self Bias I VRBS +0.6 VRTS-VRBS +1.96 Self Bias II VRTS +2.25 DIGITAL INPUTS Input Voltage (CMOS) Logic Levels (VIH) "1" Logic Level (VIL) "0" Input Current (@VIH=+DVS)"1" (@VIL=0) "0" Clock Pulse Width TPW1 (A/D CLK) TPW0 Output Data Output Voltage Output Current Logic Level "1" Logic Level "0" Output Current Logic Level "1" Logic Level "0" Output Data Delay, Td Resolution Maximum Sampling Rate Minimum Sampling Rate Aperature Delay, TA Aperature Jitter Differential Linearity Error Integral Linearity Error Differential Gain Error Differential Phase Error +4 -- -- -- 25 25 DIGITAL Outputs
300 6.6 -- -- -35 +15 +0.64 +2.09 +2.39
450 8.7 +2.8 VRT -60 +45 +0.68 +2.21 +2.53
mA Volts Volts mV mV Volts Volts Volts
2. 3.
4.
-- -- -- -- -- --
-- +1 5 5 -- --
Volts Volts A A ns ns
8-bit Binary Parallel 3-State TTL compatible -1.1 +3.7 -- -- -- PERFORMANCE 8 20 -- -- -- -- -- -- -- -- -- -- -- 18 -- -- -- 4 30 0.3 +0.5 1 0.5 -- -- 16 16 30 -- -- 0.5 -- -- 0.5 +1.3 -- -- mA mA A A ns Bit MHz MHz ns ps LSB LSB % deg
External Reference Mode Tie VRB to AGND, and apply +2V to VRT to use at 0 to +2V input voltage range. The reference resistance between VRB and VRT is about 300 ohms. It is important to make the output impedance of the reference source small enough while, at the same time, keeping sufficient drive capacity. Insert a 0.1F bypass ceramic chip capacitor between VRT and GND to minimize the effect of the 20MHz clock running nearby. See Figure 5. 5. 6. Logic inputs are CMOS compatible. Normally a series 74HC is used as a driver. It is recommended to pull up to +5V if the device is driven with TTL. The start convert (A/D CLK) pulse can be a 50% duty cycle clock. Both TPW1 and TPW0 are 25ns minimum. A slightly longer TPW1 will improve linearity of the system for higher frequency input signals.
7. The digital data outputs are 3-state and TTL compatible. To enable the 3-state outputs, connect the OUTPUT ENABLE (pin 1) to GND. To disable, connect it to +5V. It is recommended that the data outputs be latched and buffered through output registers. 8. Maximum 30ns (18ns typical) after the rising edge of the Nth conversion pulse, the result of the (N-3) conversion can be obtained. Data is stored firmly in an output register, such as an 74LS574, using the rising edge of a start convert pulse as a trigger. The (N-4) data is stored in this case. See the timing diagrams, Figure 2 and 4. 9. The 20MHz sampling rate is guaranteed. It is not recommended to use this device at sampling rates slower than 500kHz because the droop characteristics of the internal sample and holds will then exceed the limit required to maintain the specified accuracy of the device.
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
Footnotes:
See Technical Note 4 Short VRB (pin 23) to VRBS (pin 22). Short VRT (pin 17) to VRTS (pin 16). Short VRB (pin 23) to A GND. Short VRT (pin 17) to VRTS (pin 16). OE=OV, VOH=+DVS-0.5V, VOL=+0.4V OE=+DVS, VOH=+DVS, VOL=0V NTSC 40IRE mode ramp, 14.3MHz sampling
www.murata-ps.com
MDA_ADC-305.B01 Page 2 of 6
ADC-305
8-Bit, 20MHz CMOS A/D Converters
Table 1. Digital Output Coding STEP DEC HEX 0 127 128 255 00 7F 80 FF DATA BITS OUT MSB LSB 0000 0111 1000 1111 0000 1111 0000 1111
VIN OV +0.9922V +1.000V +1.9922V
CODE Zero +1/2FS -1LSB +1/2FS +FS
Ta
ANALOG INPUT TPW1
N TPW0
N+1 N+2 N+3 N+4
CLOCK
DATA OUTPUT
N-3
N-2
N-1
N
N+1
Td= 30ns max.
Figure 2. Timing Diagram
+DVS +DVS +AVS
OE
VIN
19
A/D CLK
+DGND DGND Equivalent Circuit for OE and A/D CLK OE - Low data is output when high digital output pins turn to high impedance.
AGND
Analog Input
Digital Output Circuit, Bit1 through Bit 8 +AVS
+AVS
VRT
17
VRB
23 VRBS 22
AGND
VRTS 16 Generates +2.6V when shorted with VT
AGND
Voltage Reference (VRT,VRB) Equivalent Circuit
Generates +0.6V when shorted with VB
Figure 3. Equivalent Circuits
www.murata-ps.com
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
MDA_ADC-305.B01 Page 3 of 6
ADC-305
8-Bit, 20MHz CMOS A/D Converters
N+3 N+2
ANALOG INPUT (VIN)
N
N+1
A/D CLK
UPPER SAMPLING COMPARATOR BLOCK UPPER OUTPUT DATA
S(N)
C(N)
S(N+1)
C(N+1)
S(N+2)
C(N+2)
S(N+3)
C(N+3)
MD(N-1)
MD(N)
MD(N+1)
MD(N+2)
LOWER REFERENCE VOLTAGE LOWER SAMPLING COMPARATOR A BLOCK
RV(N-1)
RV(N)
RV(N+1)
RV(N+2)
S(1)
H(1)
C(1)
S(3)
H(3)
C(3)
LOWER DATA A
LD(N-2)
LD(N)
LOWER SAMPLING COMPARATOR B BLOCK
H(0-1)
C(N-1)
S(N+1)
H(N+1)
C(N+1)
S(N+3)
H(N+3)
LOWER OUTPUT DATA B
LD(N-3)
LD(N-1)
LD(N+1)
OUTPUT DATA
N-3
N-2
N-1
N
Figure 4. Timing Chart
www.murata-ps.com
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
MDA_ADC-305.B01 Page 4 of 6
ADC-305
8-Bit, 20MHz CMOS A/D Converters
+5V(A) 47F +5V(D) 47F
100H Bias Adjust VIN (RIN = 75) 470F 390 100 Gain Adjust
2SC2785 2SC2785
0.1F
0.1F 0.1F
0.1F 13 14 12 11 10 9 8 7 0.1F 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 BIT 1 (MSB) BIT 2 BIT 3 BIT 4 BIT 5 BIT 6 BIT 7 BIT 8 (LSB)
0.1F 0.1F 22F
15 16 17
120 51
2SC2785
2.2k 10k 2.2k 75
0.1F 0.1F
18 19 20 21 22
ADC-305
6 5 4 3 2 1
74LS574
15 14 13 12 11
680
-5V(A)
+5V(A) 0.1F
23 24
510 VRB Adjust 2k 510 510
2SC2785
VRT Adjust 2k
2SC2785
0.1F
1 2 3 4
14 13 11
74HC04
9
6 47F -5V(A) 7
Clock Input (A/D CLK) (RIN = 75) 75
Figure 5. Typical Connection Diagram
Supply Current vs. Sampling Rate mA 20
Supply Current Supply Current
Supply Current vs. Sampling Voltage mA 20 LSB 0.6
Differential Linearity Error vs. Input Signal Frequency dB +DVS=+AVS=+5V FS = 20.48MHz Ta=25C
SNR + THD
SNR + THD vs. Input Signal Frequency
46
+DVS=+AVS=+5V VIN = 1kHz Ta=25C 15
Diff. Linearity Error
15
42
0.4
10 5
38
0.2 36
+DVS=+AVS=+5V FS = 20.48MHz Ta=25C
10 5 10 15 20 25 30MHz Sampling Rate 4.0 4.5 5.0 5.5V Supply Voltage 2 4 6 8 Input Signal Frequency 10MHz
1
2 4 6 7MHz 3 5 Input Signal Frequency
Figure 6. Typical Performance Curves
www.murata-ps.com
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
MDA_ADC-305.B01 Page 5 of 6
ADC-305
8-Bit, 20MHz CMOS A/D Converters
1.195 0.010 (30.35 .0.25) 24 13
ADC-305-1 24-Pin DIP (Plastic) 400mil 2.0g
0.339 0.008 (8.60 0.20)
ADC-305-1
1 0.152 0.010 (3.85 0.25) 12
0.400 (10.16) 0.118 MIN. (3.00 MIN.)
0.011 0.003 (0.28 0.08) 0 to 15 0.020 0.004 (0.50 0.10) 0.047 0.006 (1.20 0.15) 0.100 TYP. (2.54)
SEATING PLANE 0.020 MIN. (0.50 MIN.)
0.596 0.010 (15.15 0.25) 24 13
ADC-305-3 24-Pin SOP (Plastic) 300mil 0.3g
ADC-305-3
1 0.078 0.011 (1.97 0.28) 12
0.213 0.008 (5.40 0.20)
0.307 0.012 (7.80 0.30)
0.272 (6.90) 0.007 0.005 (0.18 0.13)
0.050 TYP. (1.27) 0.018 0.004 (0.45 0.10) 0.020 0.008 (0.50 0.20)
0.009 0.003 (0.23 0.08)
ORDERING INFORMATION
MODEL NUMBER ADC-305-1 ADC-305-3 PACKAGE 24-Pin Plastic DIP 400 mil 24-Pin Plastic SOP 300 mil
USA: Canada: UK: France: Germany: Japan: China: Singapore:
Mansfield (MA), Tel: (508) 339-3000, email: sales@murata-ps.com Toronto, Tel: (866) 740-1232, email: toronto@murata-ps.com Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com Munchen, Tel: +49 (0)89-544334-0, email: munich@murata-ps.com Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com Parkway Centre, Tel: +65 6348 9096, email: singapore@murata-ps.com
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
Murata Power Solutions, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A. Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 and 14001 REGISTERED
12/30/08
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. (c) 2009 Murata Power Solutions, Inc.
www.murata-ps.com
MDA_ADC-305.B01 Page 6 of 6


▲Up To Search▲   

 
Price & Availability of ADC-305

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X